PART |
Description |
Maker |
IXTP15N30MB IXTP15N30MA IXTH12N45MA IXTH15N35MB IX |
TRANSISTOR | MOSFET | N-CHANNEL | 300V V(BR)DSS | 15A I(D) | TO-220(5) TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 12A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 15A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 550V V(BR)DSS | 20A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 23A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 24A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 35A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 350V V(BR)DSS | 27A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 31A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 42A I(D) | TO-247(5) TRANSISTOR | MOSFET | N-CHANNEL | 650V V(BR)DSS | 15A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 42A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 300V V(BR)DSS | 35A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 12A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 10A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 1KV V(BR)DSS | 11A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 11A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 17A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 650V V(BR)DSS | 18A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 21A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 21A I(D) | Z-PAC TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 15A I(D) | TO-220(5) TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 8A I(D) | TO-220(5) TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 8A I(D) | TO-220(5) TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 67A I(D) | Z-PAC 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 67A条(丁)|的Z -委员 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 24A I(D) | Z-PAC 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 24A条(丁)|的Z -委员 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 20A I(D) | Z-PAC 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 20A条(丁)|的Z -委员
|
Ricoh Co., Ltd.
|
CPC177710 CPC1777J |
i4-PAC DC Power Relay i4-PACDC Power Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX i4-PAC?DC Power Relay
|
Clare, Inc.
|
MC100H646 MC100EP445FA MC100E156FNR2 MC100EPT22D M |
PECL/TTL-TTL 1:8 Distribution Chip 3.3V / 5VECL 8-Bit Serial/Parallel Converter 5V ECL 3-Bit 4:1 Mux-Latch 3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V / 5V 2-Input Differential AND/NAND 3.3V / 5V ECL ÷2 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip 5V ECL Low Impedance Driver
|
ON Semiconductor
|
HS-A82B-FREQ HS-820 HS-A82C-FREQ HS-A820-FREQ HS-A |
ECL-100K ECL Supplement 5 V, /-100 ppm, ECL crystal clock oscillator 5 V, /-50 ppm, ECL crystal clock oscillator 5 V, /-25 ppm, ECL crystal clock oscillator 5 V, customer specific, ECL crystal clock oscillator
|
NEL Frequency Controls
|
PSD935F1V-C-20M PSD935G1V-C-20U PSD935F1V-C-20J PS |
2.5V / 3.3V ECL Differential Receiver/Driver; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 1.1 GHz Dual Modulus Prescaler; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 片位微控制器可配置存储系 Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit; Package: SOIC 16 LEAD; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2500 片位微控制器可配置存储系 DIODE ZENER SINGLE 200mW 9.1Vz 20mA-Izt 0.05 3uA-Ir 7 SOD-323 3K/REEL 片位微控制器可配置存储系 Configurable Memory System on a Chip for 8-Bit Microcontrollers 片位微控制器可配置存储系 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM57160 with optional Total Dose Rating of 300kRads 1.1 GHz dual Modulus Prescaler; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 BBG ECL FIBER DRVR 2.4GB; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 1.1 GHz Prescaler; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 BBG ECL FIBER DRVR 2.4GB; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Rail; Qty per Container: 75 VALUE CHARGER W/4AA BATTERIES HIGH-SPEED SWITCHING USE Multi-Color LED; Bulb Size:3mm; LED Color:High Efficiency Red; Luminous Intensity:5ucd; Viewing Angle:40 ; Forward Current:10mA; Forward Voltage:2V; Operating Temperature Range:-55 C to 100 C; Color:High Efficiency Red RoHS Compliant: No Low Power Economy BiCMOS Current Mode PWM 8-PDIP -40 to 85 Low Power Economy BiCMOS Current Mode PWM 8-SOIC -40 to 85 Low Power Economy BiCMOS Current Mode PWM 8-TSSOP -40 to 85 Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Rail; Qty per Container: 75
|
STMicroelectronics N.V. Mitsubishi Electric Corporation 意法半导
|
NRSZC123M6.3V12.5X20TBF NRSZC331M6.3V8X11.5TBF NRS |
Miniature Aluminum Electrolytic Ca pac i tors 小型铝电解钙泛非i职权范围 Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 390 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT
|
NIC Components Corp. NIC Components, Corp.
|
AZ10EL89DR2 AZ10EL89 AZ10EL89D AZ10EL89DR1 |
From old datasheet system ECL/PECL Coaxial Cable Driver ECL / PECL的同轴电缆驱动器
|
Arizona Microtek List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AZ100EL16VO AZ100EL16VONG |
ECL/PECL Oscillator Gain Stage and Buffer with Enable ECL / PECL的振荡器的增益级和缓冲的启用
|
Arizona Microtek, Inc.
|
AZHEL11 AZM100EL11 AZ100EL11D |
ECL/PECL 1:2 Differential Fanout Buffer ECL / PECL的差:2扇出缓冲
|
Electronic Theatre Controls, Inc. ETC
|
SP8665B SP8668B |
The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|